PART |
Description |
Maker |
E-112023-0007 DRL-CNO-104 1120230007 |
Direct-Link PC104-CANIO CANopen Master PC/104 card
|
Molex Electronics Ltd.
|
112105-5004 |
Direct-Link Industrial 8-Port, IP67 (Machine Mount) Ethernet Switch, Unmanaged, 4-pole M12 Ultra-Lock, 10/100 Mb/s
|
Molex Electronics Ltd.
|
PM7381-PI |
32 LINK, 672 CHANNEL FRAME ENGINE AND DATA LINK MANAGER WITH ANY-PHY PACKET INTERFACE
|
PMC-Sierra Inc
|
AT83C23OK203-PURUM AT83C23OK203-PUTUM AT83C23OK203 |
CardMan? Smart@Link CardMan庐 Smart@Link CardMan㈢ Smart@Link
|
ATMEL Corporation
|
V23815-K1306-M230 V23814-K1306-M230 V23815-K1306-M |
Parallel Optical Link: PAROLI TM Rx DC/DEMUX-DEC Parallel Optical Link: PAROLI TM Tx DC/MUX-ENC Parallel Optical Link: PAROLI TM Rx AC Parallel Optical Link: PAROLI TM Tx AC From old datasheet system
|
Infineon
|
366YYD 204YYD 526YYD 333HD/T2 333PYD/T2 333HD/HV5 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits Complete, Direct-Conversion Tuner for DVB-S2 Applications DBS Direct Downconverter Direct-Conversion Tuner ICs for Digital DBS Applications Optoelectronic 光电
|
Newhaven Display International, Inc. Air Cost Control
|
HFBR-2537 HFBR2521 HFBR2537 HFBR-0501 HFBR2528 HFB |
HFBR-2533 · 40 kBd 600nm Low Current/Extended Distance Link Receiver in Vertical Package HFBR-2531 · 5 MBd 600nm High Performance Link Receiver in Vertical Package HFBR-2522 · 1 MBd 600nm High Performance Link Receiver in Horizontal Package HFBR-2524 · 1 MBd 600nm Standard Link Receiver in Horizontal Package HFBR-2523 · 40 kBd 600nm Low Current/Extended Distance Link Receiver in Horizontal Package HFBR-2532 · 1 MBd 600nm High Performance Link Receiver in Vertical Package HFBR-1533 · 40 kBd 600nm Low Current/Extended Distance Link Transmitter in Vertical Package HFBR-1532 · 1 MBd 600nm High Performance Link Transmitter in Vertical Package HFBR-1531 · 5 MBd 600nm High Performance Link Transmitter in Vertical Package HFBR-1522 · 1 MBd 600nm High Performance Link Transmitter in Horizontal Package HFBR-2521 · 5 MBd 600nm High Performance Link Receiver in Horizontal Package HFBR-1523 · 40 kBd 600nm Low Current/Extended Distance Link Transmitter in Horizontal Package HFBR-0501 · Evaluation Kit for DC to 5 MBd TTL Applications with Plastic Optical Fibers (HFBR-x5xx) Versatile Link The Versatile Fiber Optic Connection
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) Hewlett-Packard / Agilent
|
K4R441869B-NMCK7 K4R441869B-NMCK8 K4R271669B-NMCG6 |
256K x 18 x 32s banks direct RDRAM. Access time: 53.3 ns, I/O freq.: 600 MHz. 256K x 18 x 32s banks direct RDRAM. Access time: 45 ns, I/O freq.: 800 MHz. 256K x 16 x 32s banks direct RDRAM. Access time: 45 ns, I/O freq.: 711 MHz. K4R271669B:Direct RDRAMData Sheet 256K x 16/18 bit x 32s banks Direct RDRAMTM 256K x 16 x 32s banks direct RDRAM. Access time: 53.3 ns, I/O freq.: 600 MHz. 256K x 16 x 32s banks direct RDRAM. Access time: 45 ns, I/O freq.: 800 MHz.
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
CYW134MOXC CYW134MOXCT CYW134SOXC CYW134SOXCT W134 |
Direct Rambus?Clock Generator Direct Rambus⑩ Clock Generator Direct Rambus垄芒 Clock Generator Direct Rambus Clock Generator
|
Cypress Semiconductor
|
PDI1394L11 PDI1394L11BA |
1394 AV Link Layer Controller(AV锛??棰?瑙??锛???ュ??у??? 1394 AV Link Layer Controller(AV(音视频)链接层控制 1394影音链路层控制器(视听(音频/视频)链接层控制器)
|
NXP Semiconductors N.V.
|
ST20-PPIUK ST20-PPI ST20-PPI110 ST20-PPI220 ST20-P |
PC PARALLEL PORT TO OS-LINK INTERFACE 并行端口的PC操作系统- Link接口 PC PARALLEL PORT TO OS-LINK INTERFACE 并行端口PC操作系统- Link接口 Cyclone II FPGA 15K FBGA-256 CYCLONE III FPGA 119K 780FBGA Cyclone II FPGA 15K FBGA-484 PC PARALLEL PORT TO OS-LINK INTERFACE
|
Vicor, Corp. STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|
MC-4R256CEE6C-845 MC-4R256CEE6B MC-4R256CEE6B-653 |
Direct Rambus DRAM RIMM Module 256M-BYTE 128M-WORD x 16-BIT 128M X 16 DIRECT RAMBUS DRAM MODULE, 45 ns, DMA184
|
http:// NEC[NEC] NEC Corp.
|